PART |
Description |
Maker |
AT49LV2048B AT49LV2048B-45TI AT49BV2048B-70TI |
AT49BV/LV2048B [Updated 10/02. 13 Pages] 2M bit. 2.7-Volt (BV)/3-Volt (LV) Read and2.7-Volt (BV)/3-Volt (LV) Byte-Write Flash EEPROM EEPROM
|
TE Connectivity, Ltd.
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
IDT72V295 IDT72V2105 IDT72V2105L10PF IDT72V2105L15 |
128K x 18 SuperSync FIFO, 3.3V 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO?
|
IDT[Integrated Device Technology]
|
AT49BV8011 AT49BV8011-12CI AT49LV8011 AT49LV8011-9 |
8M bit. 2.7-Volt Read and 2.7-Volt Byte-Write Sectored Flash. Bottom Boot 800万位2.7伏读取和2.7伏字节写扇区闪存。底部启 x8/x16 Flash EEPROM x8/x16闪存EEPROM 8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
|
3M Company Atmel, Corp. AMIC Technology, Corp. Advanced Micro Devices, Inc. ATMEL[ATMEL Corporation]
|
CRHV1206AA5M00FKDT AF200MFLFT |
SMD HIGH VOLT,1206,300MW,1500V,3 SIDED,5M,1%,100PPM HSD PART - Tape and Reel CRHV Thick Film Chip Resistors, High Voltage
|
Vishay Techno
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
AT29LV020NBSP AT29LV020 |
2M bit, 3-Volt Read and 3-Volt Write Flash From old datasheet system
|
Atmel Corp
|
4302H-5V |
12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
|
Chicago Miniature Lighting,LLC
|
RD48F3000L0ZTQ0 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, PBGA80
|
Intel, Corp.
|
MR5460 MR5461 |
(MR5xxx) INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
|
QT Optoelectronics
|